PART |
Description |
Maker |
5704-RC 5705-RC 5711-RC 5717-RC 5706-RC 5707-RC 57 |
CHOKE RF HI CURR 275UH 15% RAD 1 ELEMENT, 275 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 450 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 50 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:500uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4A; DC Resistance Max:0.12ohm; Leaded Process Compatible:Yes 1 ELEMENT, 500 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:25uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:9A; DC Resistance Max:0.012ohm; Leaded Process Compatible:Yes 1 ELEMENT, 25 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:75uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5A; DC Resistance Max:0.04ohm; Leaded Process Compatible:Yes 1 ELEMENT, 75 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 800 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:150uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.75A; DC Resistance Max:0.046ohm; Leaded Process Compatible:Yes 1 ELEMENT, 150 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 1250 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:1.6mH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:1.5A; DC Resistance Max:1.27ohm; Leaded Process Compatible:Yes 1 ELEMENT, 1600 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|
HM54-44R42VLF HM54-44R42HLF HM54-5BR51VLF HM54-5BR |
High Current Toroidal Inductors 1 ELEMENT, 0.86 uH, GENERAL PURPOSE INDUCTOR High Current Toroidal Inductors 1 ELEMENT, 0.6 uH, GENERAL PURPOSE INDUCTOR High Current Toroidal Inductors 1 ELEMENT, 0.51 uH, GENERAL PURPOSE INDUCTOR High Current Toroidal Inductors 高电流环形电感器
|
BI Technologies Corporation BI Technologies, Corp.
|
2317-H-RC 2318-H-RC 2315-H-RC 2301-H-RC 2307-V-RC |
Toroidal Inductor; Series:2300; Inductance:270uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5.5A; DC Resistance Max:0.060ohm; Leaded Process Compatible:Yes 1 ELEMENT, 270 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:330uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5.2A; DC Resistance Max:0.067ohm; Leaded Process Compatible:Yes 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:180uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.8A; DC Resistance Max:0.078ohm; Leaded Process Compatible:Yes 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:10uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:20A; DC Resistance Max:0.005ohm; Leaded Process Compatible:Yes 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:33uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:11.7A; DC Resistance Max:0.013ohm; Leaded Process Compatible:Yes 1 ELEMENT, 33 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors Horizontal or vertical mount
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|
6725-RC 6729-RC 6731 6730-RC 6731-RC 6701-RC 6707- |
Toroidal Inductor; Series:6700; Inductance:8mH; Inductance Tolerance: /- 15 %; Current Rating:1A; DC Resistance Max:3.34ohm; Leaded Process Compatible:Yes 2 ELEMENT, 8000 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:6700; Inductance:100uH; Inductance Tolerance: /- 15 %; Current Rating:2.5A; DC Resistance Max:0.08ohm; Leaded Process Compatible:Yes 2 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors (with header)
|
Bourns, Inc. Bourns Electronic Solutions
|
2200LL-220H-RC 2200LL-331-H-RC 2200LL-391H-RC 2200 |
INDUCTOR TOROID 22UH 15% HORIZ 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR INDUCTOR TOROID 390UH 15% HORIZ 1 ELEMENT, 390 uH, GENERAL PURPOSE INDUCTOR INDUCTOR TOROID 12UH 15% HORIZ 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 8.2 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1.8 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1 uH, GENERAL PURPOSE INDUCTOR INDUCTOR TOROID 33UH 15% HORIZ Low Core Loss, High Current Toroid Inductors 1 ELEMENT, 4.7 uH, GENERAL PURPOSE INDUCTOR
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions
|
IHSM-4825RE3R9L IHSM-4825 |
High Current, Flame Retardant Encapsulated Inductor HIGH CURRENT, SURFACE MOUNT INDUCTOR High Current/ Surface Mount Inductor
|
Vishay Siliconix
|
2109-V 2121-V |
1 ELEMENT, 47 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2100; Inductance:560uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:1.5A; DC Resistance Max:0.30ohm; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No
|
BOURNS INC
|
CTP4551-08 CTP4551-01 CTP4551-02 CTP4551-03 CTP455 |
Toroidal Inductors High Current
|
FILTRAN[Filtran LTD]
|
BC328 BC327 BC327-16 BC328-16 BC327-25 BC327-40 Q6 |
Si-Epitaxial PlanarTransistors From old datasheet system ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage) 自动对焦进步党硅晶体管(高电流增益高集电极电流低集电极发射极饱和电压
|
SIEMENS A G Diotec Elektronische Infineon Diotec Semiconductor SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
IHLP-2020BZ-01 |
Low Profile, High Current IHLP? Inductor Low Profile, High Current IHLP庐 Inductor Low Profile, High Current IHLP㈢ Inductor
|
Vishay Siliconix
|
TC210HT-3R3L-RC TC210HT-1R0L-RC10 VTC210HT-102L-RC |
Toroidal Chokes High Temp 1 ELEMENT, 1000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 150 uH, GENERAL PURPOSE INDUCTOR
|
Allied Components International Allied Components Inter...
|
I03-142-108 I03-562-1 |
High Current Power Inductor 1 ELEMENT, 5.6 uH, GENERAL PURPOSE INDUCTOR
|
ice Components, Ins. ICE Components, Inc.
|
|